PART |
Description |
Maker |
MAX487 MAX487E MAX487ECPA MAX487ECSA MAX487EEPA MA |
??5kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers 3.3/5-V RS-485 Transceiver 8-SOIC -40 to 85 15kV ESD-Protected / Slew-Rate-Limited / Low-Power / RS-485/RS-422 Transceivers 【15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers From old datasheet system " ?à15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers" ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers 卤15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
MAX3450 MAX3450E MAX3450EETE MAX3450EEUD MAX3451EE |
LINE TRANSCEIVER, QCC16 ±15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers LINE TRANSCEIVER, PDSO14 Single Full-Duplex LVDS Transceiver 14-SOIC -40 to 85 【15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers /- 15 kV ESD-protected USB transceiver
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ICL3232EIA-T ICL3221EIA-T ICL3223EIA-T ICL3223ECA- |
ESD Protection for RS-232 I/O Pins to 5kV (IEC61000) 隆戮15kV ESD Protected, 3V to 5.5V, 1楼矛A, 250kbps, RS-232 Transmitters/Receivers 卤15kV ESD Protected, 3V to 5.5V, 1渭A, 250kbps, RS-232 Transmitters/Receivers ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
MAX3384 MAX3384E MAX3384ECAP MAX3384ECWN MAX3384EE |
DUAL LINE TRANSCEIVER, PDSO20 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver " ?à15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver" ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products]
|
MAX1406 MAX1406CPE MAX1406CAE MAX1406CWE MAX1406EA |
±15kV ESD-Protected, EMC Compliant, 230kbps, 3 Tx/3 Rx RS-232 IC 15kV ESD-Protected / EMC-Compliant / 230kbps / 3-Tx/3-Rx RS-232 IC 【15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC 15kV ESD-Protected EMC-Compliant 230kbps 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant,230kbps, 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDIP16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX3372EEBLT MAX3373EEBLT MAX3374EEBLT MAX3375EEBL |
隆戮15kV ESD-Protected, 1楼矛A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP 卤15kV ESD-Protected, 1渭A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX3008EBP-T MAX3003EBP-T MAX3003ETP MAX3003EUP MA |
SPECIALTY INTERFACE CIRCUIT, QCC20 1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 卤15kV ESD-Protected, 0.1渭A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 隆戮15kV ESD-Protected, 0.1楼矛A, 35Mbps, 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC
|
5962-9169201QXC 5962-9169202QXC 5962-9169201Q3C 59 |
Analog to Digital Converter ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 5V RS-232 Transceivers 八路D类触发器
|
Skyworks Solutions, Inc.
|
MAX4553 MAX4553CPE MAX4553CSE MAX4553CEE MAX4553ES |
±15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches ±15kV ESD-Protected, Quad,Low-Voltage, SPST Analog Switches 15kV ESD-Protected Quad Low-Voltage SPST Analog Switches 15kV ESD-Protected / Quad / Low-Voltage / SPST Analog Switches 【15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches ±15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
MAX3190-BMAX3190E MAX3190EUT-T MAX3190 MAX3190E MA |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / 460kbps / RS-232 Transmitters in SOT23-6 【15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|